Part Number Hot Search : 
ADG704 MPC9351D 24C1024 C548C LTC1235 PA3020NL AT24C08 R7S01612
Product Description
Full Text Search
 

To Download 8821XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GH
LN FEATURES
High reliability Lug terminal High ripple current High ripple current UPS Suited for smoothing circuits for general purpose inverter and control circuits for F.A. Machines Designed for use as input filter capacitor for current
SPECIFICATIONS
Item Performance Characteristics 250V.DC 450V.DC -25 +85
Rated Working Voltage Range Operating Temperature Range
Nominal Capacitance Range Capacitance Tolerance
220 F 2200 F
20%(M,+20 ,120Hz) 5 I 3 CV ( A) 20 After application of rated voltage for 5 minutes: I 3 CV ( A) at+20 C: ( F) C: Nominal Capacitance in F; V: (V) V: Rated Working Voltage in V (V) Rated Working Voltage tan (MAX) (20 ,120Hz) 0.20 0.25 250 350-450
Leakage Current
(tan ) Dissipation Factor
+85 2000 After applying rated voltage for 1000 hours at +85 , Capacitors meet the characteristics requirements measured at +20 listed below; : Leakage current: Load Life Tan
: Capacitance Change:
Less than the initial specified value 200% Less than 200% the initial specified value Within 20% 20% of the initial measured value
:
Shelf Life
+85 1000 After leaving capacitors under no load at +85 characteristics listed above
for 1000 hours, capacitors meet the
MULTIPLIER FOR RIPPLE CURRENT
Frequency coefficient
Frequency(Hz) Coefficient 50(60) 0.8 100(120) 1.0 400 1.1 1k 1.13 10k 1.18
CASE SIZE TABLE
Vinyl Sleeve
7.95
0.2 0.9
6.35
0.1
7.5
0.1
F 0.1
2.0
1.8
3.4
0.8
D
1.
Safety ven Negative 8.0 0.2
55
D 1.0 L 3.0 F 1.0
35 50 60 80 100 10.0
50 80 100 120 20.0
12.0
65 100 25
137
ALUMINUM ELECTROLYTIC CAPACITOR(CD137 GH)
GH DIMENSIONS, RATED VOLTAGE AND CAPACITANCE
WV(V) Cap( F) 220 270 330 390 470 560 680 820 221 271 331 391 471 561 681 821 (1) 35x60 35x60 35x60 35x60 35x80 250 MD (2) 1.2 2.2 3.2 4.0 5.6 (1) 35x50 35x50 35x50 35x50 35x60 35x80 35x80 35x100 35x100 35x100 50x80 50x80 50x100 350 MF (2) 1.0 1.2 1.3 1.5 1.6 2.0 2.2 2.7 3.2 4.8 5.5 6.2 7.3 (1) 35x50 35x50 35x50 35x60 35x80 35x80 35x100 35x100 35x100 50x80 50x100 50x100 50x120 400 VA (2) 1.1 1.2 1.4 1.5 1.8 2.2 2.4 2.9 4.2 5.2 6.0 6.9 7.9 (1) 35x50 35x60 35x80 35x80 35x100 35x100 50x80 50x80 50x80 50x80 50x100 50x120 65x100 450 VB (2) 1.1 1.2 1.5 1.7 2.0 2.2 2.6 2.8 4.5 5.6 6.3 7.5 8.7
1000 102 1200 122 1500 152 1800 182 2200 222
(1) (2)
Case Size DXL mm Max allowable ripple current (A r.m.s./85
.120Hz )
138


▲Up To Search▲   

 
Price & Availability of 8821XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X